Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA4M2AC3CFM Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R7FA4M2AC3CFM
Description  RA4M2 Group
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AC3CFM Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R7FA4M2AC3CFM Datasheet HTML 42Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 43Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 44Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 45Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 46Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 47Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 48Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 49Page - Renesas Technology Corp R7FA4M2AC3CFM Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
tTXD
tRXS tRXH
TXDn
RXDn
SCKn
Note:
n = 0 to 4, 9
Figure 2.27
SCI input/output timing in clock synchronous mode
Table 2.25
SCI timing (2)
Conditions: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test conditions
Simple SPI
SCK clock cycle output (master)
tSPcyc
4
65536
tPcyc
Figure 2.28
SCK clock cycle input (slave)
6
65536
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise and fall time
tSPCKr, tSPCKf
—
5
ns
Data input setup time
master
tSU
15
—
ns
Figure 2.29 to Figure
2.32
slave
5
—
ns
Data input hold time
tH
5
—
ns
SS input setup time
tLEAD
1
—
tSPcyc
SS input hold time
tLAG
1
—
tSPcyc
Data output delay
master
tOD
—
5
ns
slave
—
25
ns
Data output hold time
tOH
-5
—
ns
Data rise and fall time
tDr, tDf
—
5
ns
SS input rise and fall time
tSSLr, tSSLf
—
5
ns
Slave access time
tSA
—
3 × tPcyc + 25
ns
Figure 2.32
Slave output release time
tREL
—
3 × tPcyc + 25
ns
Note:
tPcyc: PCLKA cycle.
RA4M2 Datasheet
2. Electrical Characteristics
R01DS0367EJ0140 Rev.1.40
May 9, 2025
Page 46 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com