Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5226A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC5226A
Description  Silicon NPN RF Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5226A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC5226A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5226A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon NPN RF Power Transistor
2SC5226A
www.iscsemi.com
1
FEATURES
·
Low−noise: NF = 1.5 dB Typ (f = 1 GHz)
·
High Gain: |S21e|2 = 12.2 dB Typ (f = 1 GHz)
·
High Cut−off Frequency: fT = 8 GHz Typ
APPLICATIONS
·
Low noise, High-gain amplifiers
·
Linear broadband amplifiers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
10
V
VEBO
Emitter-Base Voltage
2
V
IC
Collector Current-Continuous
70
mA
PC
Collector Power Dissipation
150
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP MAX
UNIT
ICBO
Collector Cutoff Current
VCB= 10V; IE= 0
-
-
1.0
μA
IEBO
Emitter Cutoff Current
VEB= 1V; IC= 0
-
-
10
μA
hFE
DC Current Gain
IC= 20mA ; VCE= 6V
60
-
270
-
fT
Current-Gain—Bandwidth Product
IC= 20mA ; VCE= 6V ;f= 1GHz
-
8
-
GHz
|
S21e|2
Insertion Power Gain
IC= 20mA ; VCE= 6V; f= 1GHz
-
12.2
-
dB
NF
Noise Figure
IC =5mA, VCE = 6V, f= 1GHz
-
1.5
-
dB


Similar Part No. - 2SC5226A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5226A SANYO-2SC5226A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5226A SANYO-2SC5226A Datasheet
463Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifi er Applications
2SC5226A SANYO-2SC5226A Datasheet
463Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifi er Applications
logo
ON Semiconductor
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
logo
Sanyo Semicon Device
2SC5226A-4-TL-E SANYO-2SC5226A-4-TL-E Datasheet
463Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifi er Applications
More results

Similar Description - 2SC5226A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com