Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1106 Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS1106
Description  8-Digi t LED Display Dr ivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1106 Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS1106 Datasheet HTML 1Page - ams-OSRAM AG AS1106 Datasheet HTML 2Page - ams-OSRAM AG AS1106 Datasheet HTML 3Page - ams-OSRAM AG AS1106 Datasheet HTML 4Page - ams-OSRAM AG AS1106 Datasheet HTML 5Page - ams-OSRAM AG AS1106 Datasheet HTML 6Page - ams-OSRAM AG AS1106 Datasheet HTML 7Page - ams-OSRAM AG AS1106 Datasheet HTML 8Page - ams-OSRAM AG AS1106 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
A S 11 0 6 , A S 11 0 7
8 - D i g i t L E D D i s p l a y D r i v e r s
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.29
1 - 20
D a t a s h e e t
1 General Description
The AS1106 and the AS1107 are compact display drivers for 7-
segment numeric displays of up to 8 digits. The devices can be
programmed via SPI, QSPI, and Microwire as well as a conventional
4-wire serial interface.
The devices include an integrated BCD code-B/HEX decoder,
multiplex scan circuitry, segment and display drivers, and a 64-bit
memory. Internal memory stores the LED settings, eliminating the
need for continuous device reprogramming.
Every segment can be individually addressed and updated
separately. Only one external resistor (RSET) is required to set the
current through the LED display. LED brightness can be controlled
by analog or digital means. The devices can be programmed to use
the internal code-B/HEX decoder to display numeric digits or to
directly address each segment.
The AS1106 and the AS1107 feature an extremely low shutdown
current of typically 3 A, and an operational current of less than
500 A. The number of digits can be programmed, the devices can
be reset by software, and an external clock is also supported.
Additionally, segment blinking can be synchronized across multiple
drivers.
Several test modes are available for easy application debugging.
The devices are available in a SOIC 24-pin package.
Figure 1. AS1106, AS1107 - Typical Application Diagram
2 Key Features
10MHz SPI-, QSPI-, Microwire-Compatible Serial I/O
Individual LED Segment Control
Segment Blinking Control (can be synchronized across multiple
drivers)
Hexadecimal- or BCD-Code/No-Decode Digit Selection
3 A Low-Power Shutdown Current (typ; data retained)
Extremely Low Operating Current 0.5mA in Open-Loop
Digital and Analog Brightness Control
Display Blanked on Power-Up
Drive Common-Cathode LED Displays
Low-EMI Low Slew-Rate Limited Segment
Drivers (AS1107)
Supply Voltage Range: 2.7 to 5.5V
Software Reset
Optional External Clock
SOIC 24-pin Package
3 Applications
The AS1106 and AS1107 are ideal for bar-graph displays,
instrument-panel meters, LED matrix displays, dot matrix displays,
set-top boxes, white goods, professional audio equipment, medical
equipment, industrial controllers and panel meters.
AS1106/
AS1107
8-Digit Microprocessor Display
DIG0 to
DIG7
SEG A to G
SEP DP
8 Digits
8 Segments
I/O
I/O
SCK
VDD
ISET
DIN
CLK
GND
GND
LOAD/CSN
+5V
9.53k
Ω
Micro-
processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com