Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1106 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS1106
Description  8-Digi t LED Display Dr ivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1106 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS1106 Datasheet HTML 10Page - ams-OSRAM AG AS1106 Datasheet HTML 11Page - ams-OSRAM AG AS1106 Datasheet HTML 12Page - ams-OSRAM AG AS1106 Datasheet HTML 13Page - ams-OSRAM AG AS1106 Datasheet HTML 14Page - ams-OSRAM AG AS1106 Datasheet HTML 15Page - ams-OSRAM AG AS1106 Datasheet HTML 16Page - ams-OSRAM AG AS1106 Datasheet HTML 17Page - ams-OSRAM AG AS1106 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.29
12 - 20
AS1106, AS1107
Datasheet - D e t a i l e d D e s c r i p t i o n
8.5.4
Intensity Control Register (0xXA)
The brightness of the display can be controlled by digital means using the Intensity Control Register and by analog means using RSET (see
Selecting RSET Resistor Value and Using External Drivers on page 14).
Display brightness is controlled by an integrated pulse-width modulator which is controlled by the lower-nibble of the Intensity Control Register.
The modulator scales the average segment-current in 16 steps from a maximum of 31/32 down to 1/32 (15/16 to 1/16 for the AS1107) of the
peak current set by RSET.
8.5.5
Scan-Limit Register (0x0B)
The Scan-Limit Register controls which of the digits are to be displayed. When all 8 digits are to be displayed, the update frequency is typically
800Hz. If the number of digits displayed is reduced, the update frequency is increased. The frequency can be calculated using 8fOSC/N, where
N is the number of digits. Since the number of displayed digits influences the brightness, RSET should be adjusted accordingly. Table 16 lists the
maximum allowed current when fewer than 4 digits are used.
Note:
To avoid differences in brightness this register should not be used to blank parts of the display (leading zeros).
Table 14. Intensity Register Format (Address (HEX) = 0xXA))
Duty Cycle
HEX Code
Register Data
AS1106
AS1107
D7
D6
D5
D4
D3
D2
D1
D0
1/32 (min on)
1/16 (min on)
0xX0
X
X
X
X
0
0
0
0
3/32
2/16
0xX1
X
X
X
X
0
0
0
1
5/32
3/16
0xX2
X
X
X
X
0
0
1
0
7/32
4/16
0xX3
X
X
X
X
0
0
1
1
9/32
5/16
0xX4
X
X
X
X
0
1
0
0
11/32
6/16
0xX5
X
X
X
X
0
1
0
1
13/32
7/16
0xX6
X
X
X
X
0
1
1
0
15/32
8/16
0xX7
X
X
X
X
0
1
1
1
17/32
9/16
0xX8
X
X
X
X
1
0
0
0
19/32
10/16
0xX9
X
X
X
X
1
0
0
1
21/32
11/16
0xXA
X
X
X
X
1
0
1
0
23/32
12/16
0xXB
X
X
X
X
1
0
1
1
25/32
13/16
0xXC
X
X
X
X
1
1
0
0
27/32
14/16
0xXD
X
X
X
X
1
1
0
1
29/32
15/16
0xXE
X
X
X
X
1
1
1
0
31/32 (max on)
15/16 (max on)
0xXF
X
X
X
X
1
1
1
1
Table 15. Scan-Limit Register Format (Address (HEX) = 0xXB))
Scan Limit
HEX Code
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Display digit 0 only (see Table 16)
0xX0
X
X
X
X
X
0
0
0
Display digits 0:1 (see Table 16)
0xX1
X
X
X
X
X
0
0
1
Display digits 0:2 (see Table 16)
0xX2
X
X
X
X
X
0
1
0
Display digits 0:3
0xX3
X
X
X
X
X
0
1
1
Display digits 0:4
0xX4
X
X
X
X
X
1
0
0
Display digits 0:5
0xX5
X
X
X
X
X
1
0
1
Display digits 0:6
0xX6
X
X
X
X
X
1
1
0
Display digits 0:7
0xX7
X
X
X
X
X
1
1
1
Table 16. Maximum Segment Current for 1-, 2-, or 3-Digit Displays
Number of Digits Displayed
Maximum Segment Current (mA)
1
10
2
20
3
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com