Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1110 Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS1110
Description  Constant-Current, 16-Channel LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1110 Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS1110 Datasheet HTML 1Page - ams-OSRAM AG AS1110 Datasheet HTML 2Page - ams-OSRAM AG AS1110 Datasheet HTML 3Page - ams-OSRAM AG AS1110 Datasheet HTML 4Page - ams-OSRAM AG AS1110 Datasheet HTML 5Page - ams-OSRAM AG AS1110 Datasheet HTML 6Page - ams-OSRAM AG AS1110 Datasheet HTML 7Page - ams-OSRAM AG AS1110 Datasheet HTML 8Page - ams-OSRAM AG AS1110 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
AS1110
Constant-Current, 16-Channel LED Driver with Diagnostics
www.ams.com/LED-Driver-ICs/AS1110
Revision 1.6
1 - 24
1 General Description
The AS1110 is designed to drive up to 16 LEDs through a fast serial
interface and features 16 output constant current drivers and an on-
chip diagnostic read-back function.
The high clock-frequency (up to 50MHz), adjustable output current,
and flexible serial interface makes the device perfectly suited for
high-volume transmission applications.
Output current is adjustable (up to 100mA/channel) using an external
resistor (REXT).
The serial interface with Schmitt trigger inputs includes an integrated
shift register. Additionally, an internal data register stores the
currently displayed data.
The device features integrated diagnostics for over-
temperature, open-LED, and shorted-LED conditions. Integrated
registers store global fault status information during load as well as
the detailed temperature/open-LED/shorted-LED diagnostics results.
The AS1110 also features a low-current diagnostic mode to minimize
display flicker during fault testing.
The AS1110 is available in a 24-pin SSOP and the 28-pin QFN
(5x5mm) package.
Figure 1. Main Diagram and Pin Assignments
2 Key Features

16 Constant-current output channels

Excellent output current accuracy
- Between channels: <±3%
- Between devices: <±3%

Output current per channel: 0.5mA to 100mA

Controlled In-rush current

Over-Temperature, Open-LED, Shorted-LED
Diagnostic functions

Low-current test mode

Global fault monitoring

Low shutdown mode current: 10µA

Fast serial interface: 50MHz

Cascaded configuration

Extremely fast output drivers suitable for PWM

24-pin SSOP and 28-pin QFN (5x5mm) Package
3 Applications
The device is ideal for fixed- or slow-rolling displays using static or
multiplexed LED matrix and dimming functions, large LED matrix
displays, mixed LED display and switch monitoring, displays in
elevators, public transports (underground, trains, buses, taxis,
airplanes, etc.), large displays in stadiums and public areas, price
indicators in retail stores, promotional panels, bar-graph displays,
industrial controller displays, white good panels, emergency light
indicators, and traffic signs.
AS1110
SDI
SDO
CLK
LD
OEN
REXT
+VLED
GND
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com