Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1110 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS1110
Description  Constant-Current, 16-Channel LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1110 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS1110 Datasheet HTML 10Page - ams-OSRAM AG AS1110 Datasheet HTML 11Page - ams-OSRAM AG AS1110 Datasheet HTML 12Page - ams-OSRAM AG AS1110 Datasheet HTML 13Page - ams-OSRAM AG AS1110 Datasheet HTML 14Page - ams-OSRAM AG AS1110 Datasheet HTML 15Page - ams-OSRAM AG AS1110 Datasheet HTML 16Page - ams-OSRAM AG AS1110 Datasheet HTML 17Page - ams-OSRAM AG AS1110 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.ams.com/LED-Driver-ICs/AS1110
Revision 1.6
12 - 24
AS1110
Datasheet - Detailed Descr i p ti on
8.5 Error Detection Functions
8.5.1 Open-LED Detection
The AS1110 open-LED detection is based on the comparison between VDS and VTHL. The open LED status is aquired at the rising edge of OEN
and stored internally. While detecting open-LEDs the output port must be turned on. Open LED detection can be started with 1 clock pulse during
error detection mode while the output port is turned on.
Note:
LEDs which are turned off at test time cannot be tested and will be shown as a logic 1 in the detailed error report.
8.5.2 Shorted-LED
The AS1110 shorted-LED detection is based on the comparison between VDS and VTHH. The shortened LED status is aquired at the rising edge
of OEN and stored internally. While detecting shorted-LEDs the output port must be turned on. Shorted-LED detection can be started with 2 clock
pulses during error detection mode while the output port is turned on.
For valid results, the voltage at OUTN0:OUTN15 must be lower then VTHH under low-current diagnostic mode operating conditions. This can be
achieved by reducing the VLED voltage or by adding additional diodes, resistors or LED’s.
Note:
LEDs which are turned off at test time cannot be tested and will be shown as a logic 1 in the detailed error report.
8.5.3 Overtemperature
Thermal protection for the AS1110 is provided by continuously monitoring the device’s core temperature. The overtemperature status is aquired
at the rising edge of OEN and stored internally.
Table 6. Open LED Detection Modes
Output Port State
Effective Output
Point Conditions
Detected Open-LED
Error Status Code
Meaning
On
VDS < VTHL
0
Open Circuit
On
VDS > VTHL
1
Normal
Table 7. Shorted LED Detection Modes
Output Port State
Effective Output
Point Conditions
Detected Shorted-LED
Error Status Code
Meaning
On
VDS > VTHH
0
Short Circuit
On
VDS < VTHH
1
Normal
Table 8. Overtemperature Modes
Output Port State
Effective Output
Point Conditions
Detected Overtemperature
Status Code
Meaning
Don’t Care
Temperature > TOV1
0
Overtemperature Condition
Don’t Care
Temperature < TOV1
1Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com