Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPZB260ADP Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPZB260ADP
Description  Adapter board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB260ADP Datasheet(HTML) 4 Page - STMicroelectronics

  SPZB260ADP Datasheet HTML 1Page - STMicroelectronics SPZB260ADP Datasheet HTML 2Page - STMicroelectronics SPZB260ADP Datasheet HTML 3Page - STMicroelectronics SPZB260ADP Datasheet HTML 4Page - STMicroelectronics SPZB260ADP Datasheet HTML 5Page - STMicroelectronics SPZB260ADP Datasheet HTML 6Page - STMicroelectronics SPZB260ADP Datasheet HTML 7Page - STMicroelectronics SPZB260ADP Datasheet HTML 8Page - STMicroelectronics SPZB260ADP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Connections
SPZB260ADP
4/11
2.2
J2 and J4 connectors
Two 6 pin, single -row, 0.1-inch (2.54 mm) pitch connector on the bottom side of the adapter
allows access to the SPZB260US module by means a synchronous (SPI) or asynchronous
(UART) serial line.
This connector attaches directly to the Breakout Board and provides a robust and stable
interface to the host microcontroller.
J2 and J4 are 2.54 mm pitch header (i.e Molex: 22-28-4063).
Figure 3.
Pin out (J2 and J4)
Table 2.
InSight™ port pins (J1)
Pin number
Signal name
Direction
Description
1
Vdd
Power
2.1 to 3.6 V supply voltage
2
SIF_MISO
Output
Serial interface, master in / slave out
3
GND
Power
Ground connection
4
SIF_MOSI
Input
Serial interface, master out/ slave in
5
GND
Power
Ground connection
6
SIF_CLK
Input
Serial interface, clock signal
7
SIF_LOADB
I/O
Serial interface, load strobe
8
RSTB
Input
Active low reset
9
PTI_EN
Output
Packet trace frame signal
10
PTI_DATA
Output
Packet trace data signal
J4
J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com