Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPZB260ADP Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPZB260ADP
Description  Adapter board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB260ADP Datasheet(HTML) 5 Page - STMicroelectronics

  SPZB260ADP Datasheet HTML 1Page - STMicroelectronics SPZB260ADP Datasheet HTML 2Page - STMicroelectronics SPZB260ADP Datasheet HTML 3Page - STMicroelectronics SPZB260ADP Datasheet HTML 4Page - STMicroelectronics SPZB260ADP Datasheet HTML 5Page - STMicroelectronics SPZB260ADP Datasheet HTML 6Page - STMicroelectronics SPZB260ADP Datasheet HTML 7Page - STMicroelectronics SPZB260ADP Datasheet HTML 8Page - STMicroelectronics SPZB260ADP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SPZB260ADP
Connections
5/11
Figure 4.
J2 and J4 connector
Table 3.
J2 pins
Pin number
Signal name
Direction
Description
1
VDD
Power
2.1 to 3.6 V supply voltage
2
MOSI
Input
SPI data, master out/ slave in
( from Host to SPZB260)
3
MISO
Output
SPI data, master in / slave out
( from SPZB260 to Host )
4
SLCK
Input
SPI clock ( Host to SPZB260)
5
SSEL
Input
Active low SPI slave select
( Host to SPZB260 )
6
GND
Power
Ground connection
Table 4.
J4 pins
Pin number
Signal name
Direction
Description
1
VDD
Power
2.1 to 3.6 V supply voltage
2
HOST_INT
Output
Host interrupt ( from SPZB260 to Host)
3
WAKE
Input
Wake interrupt ( from Host to SPZB260)
4
RSTB
I/O
Active low chip reset
5
GND
Power
Ground connection
6
GND
Power
Ground connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com