Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1302-BWLT Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS1302-BWLT
Description  5V/30mA Adaptive Inductorless Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1302-BWLT Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS1302-BWLT Datasheet HTML 1Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 2Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 3Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 4Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 5Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 6Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 7Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 8Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AS1302
5V/30mA Adaptive Inductorless Boost Converter
www.austriamicrosystems.com/DC-DC_Step-Up/AS1302
Revision 1.03
1 - 18
Data sheet
1 General Description
The AS1302 is a 30mA inductorless boost converter
using a double H-bridge charge-pump topology with two
external flying capacitors. The AS1302 charge pump
features 1:2 and 2:3 operation modes as well as a 1:1
operation mode where the input is directly connected to
the output.
The AS1302 runs on a 1.2MHz fixed frequency and is
utilized with a low noise regulation scheme to allow
usage together with sensitive RF circuitry from the same
battery supply. Additionally to increase efficiency the
AS1302 switches to 49kHz at light loads.
Designed to reside in portable and space limited
equipment the 1.2MHz charge pump converts a 2.9V to
5.15V input to regulated 5V output with 3% accuracy.
The shutdown function reduces the supply current to
<1µA and disconnects the load from the output. The
integrated soft-start circuitry prevents high inrush
currents being drawn from the battery during start-up.
The AS1302 includes built-in under-voltage lockout,
short circuit-, and thermal protection circuitry.
The AS1302 is available in TDFN (3x3x0.8mm) 10-pin
and an extremely small 1.2x1.2mm WL-CSP 8-bumps
package with 0.4mm pitch.
2 Key Features
!
Up to 90% Efficiency
!
2.9V to 5.15V Input Voltage
!
Regulated 5V Output
!
Automatic Mode Switching
!
<1µA Shutdown Current
!
Startup with Full Load (within 1ms)
!
Up to 30mA Load Current
!
Short Circuit Protection
!
Output Disconnected During Shutdown
!
Soft-Start
!
No Inductor Required
!
Small External Components Required
(COUT =2.2µF, CFLY =220nF)
!
Low Noise Fixed Frequency (1.2MHz, 49kHz)
Charge Pump:
- 1:1 Battery Feed Through Mode
- 2:3 Single Phase Mode
- 1:2 Single Phase Mode
!
Package Options:
- TDFN (3x3x0.8mm) 10-pin
- WL-CSP 8-bumps with 0.4mm Pitch
3 Applications
The device is ideal for two or three AA cells or a single
Li-Ion battery cell to 5V conversion, mobile phones,
portable instruments, microprocessor based systems
and remote data-acquisition systems.
Figure 1. AS1302 - Typical Application Diagram
VBATT
CBAT
AS1302
2.2µF
VBATT
EN
GND
VOUT
C1+
C1-
C2+
C2-
VOUT = 5V
COUT
2.2µF
On
Off
CFLY1
CFLY2
2.9V to 5.15V
220nF
220nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com