Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1302-BWLT Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS1302-BWLT
Description  5V/30mA Adaptive Inductorless Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1302-BWLT Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS1302-BWLT Datasheet HTML 1Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 2Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 3Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 4Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 5Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 6Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 7Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 8Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1302
Revision 1.03
2 - 18
AS1302
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Through View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
C1-
A1
Connector 1-. Negative terminal of flying cap 1.
GND
A2
Ground.
EN
A3
Enable. (operating if EN = 1). Set this digital input to logic high for normal
operation. For shutdown, set to logic low.
C1+
B1
Connector 1+. Positive terminal of flying cap 1.
VBATT
B3
+2.9V to 5.15V Input Voltage. Bypass this pin to GND with a
≥2.2µF low
ESR ceramic capacitor.
VOUT
C1
+5V Output Voltage. This pin must be bypassed with a
≥2.2µF low ESR
ceramic capacitor.
C2+
C2
Connector 2+. Positive terminal of flying cap 2.
C2-
C3
Connector 2-. Negative terminal of flying cap 2.
A3
B3
C3
A1
B1
C1
EN
VBATT
C1-
C1+
VOUT
C2
C2+
A2
GND
C2-
1
GND
AS1302
2
C1-
3
NC
4
C1+
5
VOUT
10 EN
9 VBATT
8 C2-
7 NC
6 C2+
GND
TDFN (3x3x0.8mm) 10-pin
WL-CSP 8-bumps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com