Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1916S-T Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS1916S-T
Description  Microprocessor Supervisory Circuits with Manual Reset and Watchdog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1916S-T Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS1916S-T Datasheet HTML 1Page - ams-OSRAM AG AS1916S-T Datasheet HTML 2Page - ams-OSRAM AG AS1916S-T Datasheet HTML 3Page - ams-OSRAM AG AS1916S-T Datasheet HTML 4Page - ams-OSRAM AG AS1916S-T Datasheet HTML 5Page - ams-OSRAM AG AS1916S-T Datasheet HTML 6Page - ams-OSRAM AG AS1916S-T Datasheet HTML 7Page - ams-OSRAM AG AS1916S-T Datasheet HTML 8Page - ams-OSRAM AG AS1916S-T Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.austriamicrosystems.com/Supervisors/AS1916
Revision 1.04
2 - 14
AS1916 - AS1918
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1
RESETN
Active-Low Reset Output (AS1916, AS1918). The RESETN signal toggles from high to low when VCC, or
MRN is pulled low, or the watchdog triggers a reset. This output signal remains low for the reset timeout period
after all supervised voltages exceed their reset threshold, or MRN goes low to high, or the watchdog triggers a
reset.
RESET
Active-High Reset Output (AS1917). The RESET signal toggles from low to high when VCC, or MRN is pulled
low, or the watchdog triggers a reset. This output signal remains high for the reset timeout period (see tRP on
page 4) after all supervised voltages exceed their reset threshold, or MRN goes low to high, or the watchdog
triggers a reset.
2GND
Ground
3MRN
Active-Low Manual Reset Input. Pulling this pin low asserts a reset. This pin is connected to the internal 50k
Ω
pullup to VCC. This reset remains active as long as MRN is low and for the reset timeout period (see tRP on
page 4) after MRN goes high.
Note:
If the manual reset feature is not used, this pin should be unconnected or connected to VCC.
4WDI
Watchdog Input. If WDI remains high or low for longer than the watchdog timeout period (see tWD on page 5),
the internal watchdog timer period expires and a reset is triggered for the reset timeout period (see tRP on page
4). The internal watchdog timer clears whenever a reset is a asserted or when WDI senses a rising or falling
edge.
Note:
To disable the watchdog feature, this pin must be unconnected or connected to a tri-state buffer output.
WDI must be low or unconnected (tristate) during the reset timeout period tRP, (see Figure 11 on page 8).
5VCC
Supervised Voltage Input. This pin serves as the supervised supply voltage input.
AS1916 - AS1918
2
GND
3
MRN
1
RESETN/RESET
4 WDI
5 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com