Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1916S-T Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS1916S-T
Description  Microprocessor Supervisory Circuits with Manual Reset and Watchdog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1916S-T Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS1916S-T Datasheet HTML 6Page - ams-OSRAM AG AS1916S-T Datasheet HTML 7Page - ams-OSRAM AG AS1916S-T Datasheet HTML 8Page - ams-OSRAM AG AS1916S-T Datasheet HTML 9Page - ams-OSRAM AG AS1916S-T Datasheet HTML 10Page - ams-OSRAM AG AS1916S-T Datasheet HTML 11Page - ams-OSRAM AG AS1916S-T Datasheet HTML 12Page - ams-OSRAM AG AS1916S-T Datasheet HTML 13Page - ams-OSRAM AG AS1916S-T Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.austriamicrosystems.com/Supervisors/AS1916
Revision 1.04
8 - 14
AS1916 - AS1918
Datasheet - Detailed Descr i pti on
8.2 Watchdog Input
The integrated watchdog feature can be used to monitor processor activity via pin WDI, and can detect pulses as short as 50ns. The watchdog
requires that the processor toggle the watchdog logic input at regular intervals, within a specified minimum timeout period (1.5s, typ). A reset is
asserted for the reset timeout period. As long as reset is asserted, the timer remains cleared and is not incremented. When reset is deasserted,
the watchdog timer starts counting (Figure 11).
Note:
The watchdog timer can be cleared with a reset pulse or by toggling WDI.
Figure 11. Watchdog Timing Relationship
The watchdog is internally driven low during most (87.5%) of the watchdog timeout period (see tWD on page 5) and high for the rest of the
watchdog timeout period. When pin WDI is left unconnected, this internal driver clears the watchdog timer every 1.4s. When WDI is tri-stated or
is not connected, the maximum allowable leakage current is 10µA and the maximum allowable load capacitance is 200pF.
Note:
The watchdog function can be disabled by leaving pin WDI unconnected or connecting it to a tri-state output buffer.
8.3 Manual Reset Input
The active-low pin MRN is used to force a manual reset. This input can be driven by CMOS logic levels or with open-drain collector outputs.
Pulling MRN low asserts a reset which will remain asserted as long as MRN is kept low, and for the timeout period (see tRP on page 4) after
MRN goes high (140ms min). The manual reset circuitry has an internal 50k
Ω pullup resistor, thus it can be left open if not used.
To create a manual-reset circuit, connect a normally open momentary switch from pin MRN to GND (see Figure 1 on page 1); external debounce
circuitry is not required in this configuration.
If MRN is driven via long cables or the device is used in a noisy environment, a 0.1µF capacitor between pin MRN and GND will provide
additional noise immunity.
tRST
The RESET signal is the inverse of the RESETN signal.
tWD
VCC
RESETN
WDI
tRP
tRP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com