Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715-BWLW-ES Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # AS3715-BWLW-ES
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715-BWLW-ES Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button AS3715-BWLW-ES Datasheet HTML 17Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 18Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 19Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 20Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 21Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 22Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 23Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 24Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 159 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – Power Management Functions
DCDC Step-Down Controller
Description
The Step-Down controller SD4 is a dual phase controller using
an external power-stage incorporating 2 phases to achieve
higher output currents. The maximum output current is 6A with
having 3A per phase when using the AS3729 power stage. This
allows the use of low profile coils without compromising on
performance. When using AS3729B or AS3728 (HV) power
stages the max current can be up to 8A.
Figure 17:
SD4 DC/DC Buck Controller 6A Block Diagram
SD4 DC/DC Buck Controller: Shows basic connection of the SD4 controller to the external power stage (AS3729)
for 6A output current.
Figure 18:
SD4 DC/DC Buck Controller 6A Combined Mode
SD4 DC/DC Buck Controller: Shows basic configuration of the SD4 controller to the external power stage
(AS3729) for 6A output current using a single coil in combined mode.
DCDC
0.61 – 1.5V
6A
1.5/3MHz
VSUP
TEMP
CTRL1
CTRL2
LX2
LX1
PVSS
PVSS
1uH
1uH
FB_SDx
FB_SDx
CTRL2_SDx
CTRL1_SDx
TEMP_SDx
Vou t (0.61-1.5V@6A)
DVM, 10mV st eps
47uF
VSUP
10uF
10uF
47uF
AS3729
DCDC
0.61 – 1.5V
6A
1.5/3MHz
VSUP
TEMP
CTRL1
CTRL2
LX2
LX1
PVSS
PVSS
0.47uH
FB_SDx
FB_SDx
CTRL2_SDx
CTRL1_SDx
TEMP_SDx
Vou t (0.61-1.5V@6A)
DVM, 10mV st eps
10 0uF
VSUP
10uF
10uF
AS3729



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com