Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722-BCTR-ES Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # AS3722-BCTR-ES
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722-BCTR-ES Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button AS3722-BCTR-ES Datasheet HTML 17Page - ams-OSRAM AG AS3722-BCTR-ES Datasheet HTML 18Page - ams-OSRAM AG AS3722-BCTR-ES Datasheet HTML 19Page - ams-OSRAM AG AS3722-BCTR-ES Datasheet HTML 20Page - ams-OSRAM AG AS3722-BCTR-ES Datasheet HTML 21Page - ams-OSRAM AG AS3722-BCTR-ES Datasheet HTML 22Page - ams-OSRAM AG AS3722-BCTR-ES Datasheet HTML 23Page - ams-OSRAM AG AS3722-BCTR-ES Datasheet HTML 24Page - ams-OSRAM AG AS3722-BCTR-ES Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 199 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- Power Management Functions
DCDC Step-Down Converter
Description
The step-down converter is a high efficiency fixed frequency
current mode regulator. By using low resistance internal PMOS
and NMOS switches efficiency up to 95% can be achieved. The
fast switching frequency allows using small inductors, without
increasing the current ripple. The unique feedback and
regulation circuit guarantees optimum load and line regulation
over the whole output voltage range, up to an output current
of 1.5A (SD4, SD5), 2A (SD3) and 5A for SD2, with an output
capacitor of only 8-27μF. The implemented current limitation
protects the DCDC and the coil during overload condition.
Figure 9:
Step Down DC/DC Converter Block Diagram
DCDC Step Down Converter Block Diagram: Shows the internal structure of the DCDC bucks.
Detailed Descriptions-
Power Management Functions
Zero Comp
1.2/1.8/2.9A
Ilimit
250/400/600mA
Imin
sdx_low_noise
clk
Ref +8%
Overvoltage
Comp
skip
Ref -5%
IsenseP
IsenseN
Ref=0.6V
skip
PWM
Comp
Slope
Compensation
sdX_lv
VSUP_SDx
LX_SDx
VSS_SDx
FB_SDx
softstart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com