Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729B Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS3729B
Description  8A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3729B Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS3729B Datasheet HTML 1Page - ams-OSRAM AG AS3729B Datasheet HTML 2Page - ams-OSRAM AG AS3729B Datasheet HTML 3Page - ams-OSRAM AG AS3729B Datasheet HTML 4Page - ams-OSRAM AG AS3729B Datasheet HTML 5Page - ams-OSRAM AG AS3729B Datasheet HTML 6Page - ams-OSRAM AG AS3729B Datasheet HTML 7Page - ams-OSRAM AG AS3729B Datasheet HTML 8Page - ams-OSRAM AG AS3729B Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ams Datasheet
Page 3
[v1-03] 2015-Sep-28
Document Feedback
AS3729B − Pin Assignment
Figure 3:
16 Balls WL-CSP with 0.4mm Pitch
Figure 4:
Pin Description
Pin Assignments: Shows the top view
pin assignment of the AS3729B
Pin Number
Pin Name
Description
A1
CTRL1
Control IO for phase 1
B1
TEMP
On/Off control and temperature feedback
C1
AGND
Analog ground
D1
CTRL2
Control IO for phase 2
A2, B2
VSUP
Phase 1 positive supply terminal
C2, D2
VSUP
Phase 2 positive supply terminal
A3, B3
LX1
Phase 1 switching output to coil
C3, D3
LX2
Phase 2 switching output to coil
A4, B4
PVSS
Phase 1 negative supply terminal
C4, D4
PVSS
Phase 2 negative supply terminal
Pin Assignment
B1
TEMP
C2
VSUP
B2
VSUP
A3
LX1
A2
VSUP
A1
CTRL1
B4
PVSS
C3
LX2
A4
PVSS
B3
LX1
C4
PVSS
Pin A1
indicator
C1
AGND
D1
CTRL2
D2
VSUP
D4
PVSS
D3
LX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com