Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729B Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # AS3729B
Description  8A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3729B Datasheet(HTML) 2 Page - ams-OSRAM AG

  AS3729B Datasheet HTML 1Page - ams-OSRAM AG AS3729B Datasheet HTML 2Page - ams-OSRAM AG AS3729B Datasheet HTML 3Page - ams-OSRAM AG AS3729B Datasheet HTML 4Page - ams-OSRAM AG AS3729B Datasheet HTML 5Page - ams-OSRAM AG AS3729B Datasheet HTML 6Page - ams-OSRAM AG AS3729B Datasheet HTML 7Page - ams-OSRAM AG AS3729B Datasheet HTML 8Page - ams-OSRAM AG AS3729B Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ams Datasheet
Page 1
[v1-03] 2015-Sep-28
Document Feedback
AS3729B
8A Power Stage
The AS3729B is a companion power stage, intended to be used
with AS372x products.
It cannot be used without a DC/DC controller. It contains the
power FETs for 2 phases and is capable to handle output
currents of 4A per phase.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS3729B, 8A Power Stage are listed
below:
Figure 1:
Added Value of Using AS3729B
Applications
This device is a high current dual-phase DC/DC and ideal for:
• Mobile phones
• Tablets
• Notebooks
Benefits
Features
• Support for single or dual phase operation
• 2 phases with separate control input
• 2 x 4A output stages are running up to
2.7MHz
• Separate power NMOS & PMOS for 4A per phase
• Separate coil current feedback per phase
• Stand-Alone zero-crossing operation
• Over-temperature protection
• Integrated temperature monitoring
• Cost effective, small package
• WL-CSP16: 1.615mm x 1.615mm, 0.4mm pitch
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com