Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729B-BWLM Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS3729B-BWLM
Description  8A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3729B-BWLM Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS3729B-BWLM Datasheet HTML 3Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 4Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 5Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 6Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 7Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 8Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 9Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 10Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-03] 2015-Sep-28
AS3729B − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Electrical Characteristics
Electrical Characteristics: Shows the Electrical Characteristics of the Step Down DC/DC Power Stage. VSUP =
3.8V, TA = 25°C (unless otherwise specified)
Note(s) and/or Footnote(s):
1. Maximum value only for pulsed peak current
2. MOS transistor only without package parasitic
Symbol
Parameter
Note
Min
Typ
Max
Unit
VIN
Input voltage
Pin VSUPx
2.5
5.5
V
Pin CTRLx
0
5.5
V
Pin TEMP
0
3.6
V
ILIMIT
Peak coil current limit
Single phase
4.8
A
ILOAD
Load current
single phase
Continuous load
current
03
A
Peak load current
4 (1)
RPMOS
P-switch ON
resistance (2)
Single phase
40
70
mΩ
RNMOS
N-switch ON
resistance (2)
Single phase
20
35
mΩ
fSW
Switching frequency
Supplied by DC/DC
controller
1.3
3
MHz
IQ_force_PWM
Quiescent current PWM
TEMP pin high, force
PWM mode active
6.2
mA
IQ_low_power
Quiescent current LP
TEMP pin high, low
power mode active
21
μA
Ipower_off
Power-Off current
No current into pin
TEMP
±1
μA
Rdischarge
Active discharge
Single phase
16
Ω
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com