Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729B-BWLM Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS3729B-BWLM
Description  8A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3729B-BWLM Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS3729B-BWLM Datasheet HTML 6Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 7Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 8Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 9Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 10Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 11Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 12Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 13Page - ams-OSRAM AG AS3729B-BWLM Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ams Datasheet
Page 9
[v1-03] 2015-Sep-28
Document Feedback
AS3729B − Application Information
Figure 11:
Typical Application Circuit
AS3729B Typical Application: This figure shows the connection of the DC/DC controller and the AS3729B Power
Stage.
External Components
Figure 12:
Step Down DC/DC Power Stage External Components
External Components: Shows the recommended values of the needed external components of the Step Down
DC/DC Power Stage
Symbol
Parameter
Note
Min
Typ
Max
Unit
External Components per Phase
CFB
Output Capacitor
Ceramic X5R or X7R, high
performance
64
82
μF
Ceramic X5R or X7R, cost
optimized
32
47
μF
CVSUP
Input Capacitor
Ceramic X5R or X7R
6
10
μF
LInductor
5A rated, 1.3MHz operation,
low RON
0.5
1
μH
Application Information
VSUP
TEMP
CTRL1
CTRL2
LX2
LX1
PVSS
PVSS
1uH
1uH
FB_SDx
Vout (0.6-1.5V@8A)
DVM, 10mV steps
47uF
VSUP
10uF
10uF
47uF
AS3729B
DC/DC
0.6 – 1.5V
8A
1.3MHz
FB_SDx
CTRL2_SDx
CTRL1_SDx
TEMP_SDx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com