Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261 Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7261 Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button AS7261 Datasheet HTML 25Page - ams-OSRAM AG AS7261 Datasheet HTML 26Page - ams-OSRAM AG AS7261 Datasheet HTML 27Page - ams-OSRAM AG AS7261 Datasheet HTML 28Page - ams-OSRAM AG AS7261 Datasheet HTML 29Page - ams-OSRAM AG AS7261 Datasheet HTML 30Page - ams-OSRAM AG AS7261 Datasheet HTML 31Page - ams-OSRAM AG AS7261 Datasheet HTML 32Page - ams-OSRAM AG AS7261 Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-30
AS7261 − Detailed Descriptions
UART Interface
If selected by the I2C_ENB pin setting, the UART module
implements the TX and RX signals as defined in the RS-232 /
V.24 standard communication protocol.
It has on both, receive and transmit path, a 16 entry deep FIFO.
It can generate interrupts as required.
UART Feature List1
• Full Duplex Operation (Independent Serial Receive and
Transmit Registers) with FIFO buffer of 8 byte for each.
• At a clock rate of 16MHz it supports communication at
115200 Baud.
• Supports Serial Frames with 8 Data Bits, no Parity and 1
Stop Bit
Theory of Operation
TRANSMISSION
If data is available in the transmit FIFO, it will be moved into the
output shift register and the data will be transmitted at the
configured Baud Rate, starting with a Start Bit (logic zero) and
followed by a Stop Bit (logic one).
RECEPTION
At any time, with the receiver being idle, if a falling edge of a
start bit is detected on the input, a byte will be received and
stored in the receive FIFO. The following Stop Bit will be checked
to be logic one.
Addr: 0x20:0x23
Cal_DUV
Bit
Bit Name
Default
Access
Bit Description
31:0
Cal_DUV
R
Calibrated DUV (CIE 1976) (4-byte floating-point)
Addr: 0x24:0x27
Cal_LUX
Bit
Bit Name
Default
Access
Bit Description
31:0
Cal_LUX
R
Calibrated LUX (4-byte)
Addr: 0x28:0x2B
Cal_CCT
Bit
Bit Name
Default
Access
Bit Description
31:0
Cal_CCT
R
Calibrated CCT (4-byte)
1. With UART operation, min VDD of 2.97V is required as shown in Electrical Characteristics figures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com