Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7261 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS7261 Datasheet HTML 10Page - ams-OSRAM AG AS7261 Datasheet HTML 11Page - ams-OSRAM AG AS7261 Datasheet HTML 12Page - ams-OSRAM AG AS7261 Datasheet HTML 13Page - ams-OSRAM AG AS7261 Datasheet HTML 14Page - ams-OSRAM AG AS7261 Datasheet HTML 15Page - ams-OSRAM AG AS7261 Datasheet HTML 16Page - ams-OSRAM AG AS7261 Datasheet HTML 17Page - ams-OSRAM AG AS7261 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
ams Datasheet
Page 13
[v1-00] 2016-Dec-30
Document Feedback
AS7261 − Detailed Descriptions
Data Conversion Description
AS7261 Spectral Conversion is implemented via two
photodiode banks. The First Bank, Bank1 consists of data from
the X, Y, Z and NIR (near-IR) photodiodes. Bank2 provides data
from the same X and Y photodiodes as well as the D (dark) and
C (Clear) photodiodes. Spectral conversion requires the
integration time (IT in ms) set to complete. If both photodiode
banks are required to complete the conversion, the 2nd bank
requires an additional IT ms. Minimum IT for a single bank
conversion is 2.8 ms. If data is required from all 6 photodiodes
then the device must perform 2 full conversions (2 x Integration
Time).
The spectral conversion process is controlled with four BANK
Mode settings as follows:
BANK Mode 0:
Conversions will occur continuously and data will be available
in I²C registers X, Y, Z, and NIR or via the ATDATA command when
using the UART device interface.
BANK Mode 1:
Conversions will occur continuously and data will be available
in I²C registers X, Y, D, and C or via the ATDATA command.
BANK Mode 2:
Conversions occur continuously and data will be available in
registers X, Y, Z, NIR, D and C or via the ATDATA command after
two integration periods. In this Mode 2 the calibrated, corrected
values may also be obtained from the appropriate I²C registers
or using the ATXYZC command.
When the bank setting is Mode 0, Mode 1, or Mode 2, the
spectral data conversion process operates continuously, with
new data available after each IT ms period. In the continuous
modes, care should be taken to assure prompt interrupt
servicing so that integration values from both banks are all
derived from the same spectral conversion cycle.
BANK Mode 3:
Data will be available in registers X, Y, Z, NIR, D and C in One-Shot
mode. And in this Mode 3 the calibrated, corrected values may
also be obtained from the appropriate I²C registers or using the
ATXYZC command.
When the bank setting is set to Mode 3 the device initiates
One-Shot operation. The DATA_RDY bit is set to 1 once data is
available, indicating spectral conversion is complete. One-Shot
mode is intended for use when it is critical to ensure spectral
conversion results are obtained contemporaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com