Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS7262
Description  6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7262 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS7262 Datasheet HTML 3Page - ams-OSRAM AG AS7262 Datasheet HTML 4Page - ams-OSRAM AG AS7262 Datasheet HTML 5Page - ams-OSRAM AG AS7262 Datasheet HTML 6Page - ams-OSRAM AG AS7262 Datasheet HTML 7Page - ams-OSRAM AG AS7262 Datasheet HTML 8Page - ams-OSRAM AG AS7262 Datasheet HTML 9Page - ams-OSRAM AG AS7262 Datasheet HTML 10Page - ams-OSRAM AG AS7262 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Page 6
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7262 − Electrical Characteristics
All limits are guaranteed with VDD = VDD1 = VDD2 = 3.3V,
TAMB = 25°C. The parameters with min and max values are
guaranteed with production tests or SQC (Statistical Quality
Control) methods.
Figure 6:
Electrical Characteristics of AS7262
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General Operating Conditions
VDD1 /VDD2
Voltage operating supply
UART interface
2.97
3.3
3.6
V
VDD1 /VDD2
Voltage operating supply
I²C Interface
2.7
3.3
3.6
V
TAMB
Operating temperature
-40
25
85
°C
IVDD
Operating current
5
mA
Internal RC Oscillator
FOSC
Internal RC oscillator
frequency
15.7
16
16.3
MHz
tJITTER
(1)
Internal clock jitter
@25°C
1.2
ns
Temperature Sensor
DTEMP
Absolute accuracy of the
internal temperature
measurement
-8.5
8.5
°C
Indicator LED
IIND
LED current
1
4
8
mA
IACC
Accuracy of current
-30
30
%
VLED
Voltage range of connected
LED
Vds of current sink
0.3
VDD
V
LED_DRV
ILED1
LED current
12.5, 25, 50 or 100
12.5
100
mA
IACC
Accuracy of current
-10
10
%
VLED
Voltage range of connected
LED
Vds of current sink
0.3
VDD
V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com