Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # AS7262
Description  6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7262 Datasheet(HTML) 2 Page - ams-OSRAM AG

  AS7262 Datasheet HTML 1Page - ams-OSRAM AG AS7262 Datasheet HTML 2Page - ams-OSRAM AG AS7262 Datasheet HTML 3Page - ams-OSRAM AG AS7262 Datasheet HTML 4Page - ams-OSRAM AG AS7262 Datasheet HTML 5Page - ams-OSRAM AG AS7262 Datasheet HTML 6Page - ams-OSRAM AG AS7262 Datasheet HTML 7Page - ams-OSRAM AG AS7262 Datasheet HTML 8Page - ams-OSRAM AG AS7262 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Datasheet, Public
Page 1
[v4-00] 2022-Nov-30
Document Feedback
AS7262
6-Channel Visible Spectral_ID Device
with Electronic Shutter and Smart
Interface
The AS7262 is a cost-effective multi-spectral sensor-on-chip
solution designed to address spectral ID applications. This
highly integrated device delivers 6-channel multi-spectral
sensing in the visible wavelengths from approximately 430nm
to 670nm with full-width half-max (FWHM) of 40nm. An
integrated LED driver with programmable current is provided
for electronic shutter applications.
The AS7262 integrates Gaussian filters into standard CMOS
silicon via nano-optic deposited interference filter technology
and is packaged in an LGA package that provides a built in
aperture to control the light entering the sensor array.
Control and spectral data access is implemented through either
the I²C register set, or with a high level AT Spectral Command
set via a serial UART.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS7262, 6-Channel Visible
Spectral_ID Device with Electronic Shutter and Smart Interface
are listed below:
Figure 1:
Added Value of Using AS7262
Benefits
Features
• Compact 6-channel spectrometry solution
• 6 visible channels: 450nm, 500nm, 550nm, 570nm,
600nm and 650nm, each with 40nm FWHM
• Simple text-based command interface via
UART, or direct register read and write with
interrupt on sensor ready option on I²C
• UART or I²C slave digital Interface
• Lifetime-calibrated sensing with minimal drift
over time or temperature
• Visible filter set realized by silicon interference filters
• No additional signal conditioning required
• 16-bit ADC with digital access
• Electronic shutter control/synchronization
• Programmable LED drivers
• Low voltage operation
• 2.7V to 3.6V with I²C interface
• Small, robust package, with built-in aperture
• 20-pin LGA package 4.5mm x 4.7mm x 2.5mm
-40°C to 85°C temperature range
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com