Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262-BLGT Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # AS7262-BLGT
Description  6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7262-BLGT Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button AS7262-BLGT Datasheet HTML 33Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 34Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 35Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 36Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 37Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 38Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 39Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 40Page - ams-OSRAM AG AS7262-BLGT Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Page 36
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS72 62 − PCB Pa d Layout
Suggested PCB pad layout guidelines for the LGA device are
shown.
Figure 35:
Recommended PCB Pad Layout
Note(s):
1. Unless otherwise specified, all dimensions are in millimeters.
2. Dimensional tolerances are ±0.05mm unless otherwise noted.
3. This drawing is subject to change without notice.
PCB Pad Layout
1
4.40
0.30
0.65
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com