Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262-BLGT Datasheet (PDF) - ams-OSRAM AG

AS7262-BLGT Datasheet PDF - ams-OSRAM AG
Part # AS7262-BLGT
Download  AS7262-BLGT Download
File Size   1107.25 Kbytes
Page   48 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface

AS7262-BLGT Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7262-BLGT Datasheet PDF - ams-OSRAM AG

Part # AS7262-BLGT
Download  AS7262-BLGT Click to download

File Size   1107.25 Kbytes
Page   48 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface

AS7262-BLGT Datasheet (HTML) - ams-OSRAM AG


AS7262-BLGT Product details

General Description
The AS7262 is a cost-effective multi-spectral sensor-on-chip
solution designed to address spectral ID applications. This
highly integrated device delivers 6-channel multi-spectral
sensing in the visible wavelengths from approximately 430nm
to 670nm with full-width half-max (FWHM) of 40nm. An
integrated LED driver with programmable current is provided
for electronic shutter applications.
The AS7262 integrates Gaussian filters into standard CMOS
silicon via nano-optic deposited interference filter technology
and is packaged in an LGA package that provides a built in
aperture to control the light entering the sensor array.
Control and spectral data access is implemented through either
the I²C register set, or with a high level AT Spectral Command
set via a serial UART.
Applications
The AS7262 applications include:
• Portable spectrometry
• Horticulture
• Color matching and identification
• Authentication and brand protection
• Precision color tuning/calibration




Similar Part No. - AS7262-BLGT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7262-BLGT AMSCO-AS7262-BLGT Datasheet
677Kb / 47P
6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
logo
OSRAM GmbH
AS7262-BLGT OSRAM-AS7262-BLGT Datasheet
1Mb / 48P
6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
v4-00 2022-Nov-30
More results


Similar Description - AS7262-BLGT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M61538FP HITACHI-M61538FP Datasheet
132Kb / 12P
6-Channel Electronic Volume
logo
New Japan Radio
NJW1150 NJRC-NJW1150 Datasheet
217Kb / 17P
6-CHANNEL ELECTRONIC VOLUME
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
logo
Renesas Technology Corp
M61538FP RENESAS-M61538FP Datasheet
132Kb / 12P
6-Channel Electronic Volume
logo
Hamamatsu Corporation
S11155-2048 HAMAMATSU-S11155-2048 Datasheet
427Kb / 8P
Back-thinned CCD image sensors with electronic shutter function
logo
PHOENIX CONTACT
0912033 PHOENIX-0912033 Datasheet
65Kb / 4P
Electronic device circuit breaker - ECP 6
logo
ams AG
AS7261N AMSCO-AS7261N Datasheet
1Mb / 42P
XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
AS7264N AMSCO-AS7264N Datasheet
793Kb / 41P
XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
AS72651 AMSCO-AS72651 Datasheet
956Kb / 66P
Sensor with Electronic Shutter and 18-Channel AS7265x Master Capability
AS7265X AMSCO-AS7265X Datasheet
1Mb / 63P
Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com