Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS72652-BLGT Datasheet(PDF) 51 Page - ams-OSRAM AG

Part # AS72652-BLGT
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS72652-BLGT Datasheet(HTML) 51 Page - ams-OSRAM AG

Back Button AS72652-BLGT Datasheet HTML 47Page - ams-OSRAM AG AS72652-BLGT Datasheet HTML 48Page - ams-OSRAM AG AS72652-BLGT Datasheet HTML 49Page - ams-OSRAM AG AS72652-BLGT Datasheet HTML 50Page - ams-OSRAM AG AS72652-BLGT Datasheet HTML 51Page - ams-OSRAM AG AS72652-BLGT Datasheet HTML 52Page - ams-OSRAM AG AS72652-BLGT Datasheet HTML 53Page - ams-OSRAM AG AS72652-BLGT Datasheet HTML 54Page - ams-OSRAM AG AS72652-BLGT Datasheet HTML 55Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
Page 50
ams Datasheet
Document Feedback
[v1-04] 2018-Jul-09
AS7265x − PCB Pad Layout
Suggested PCB pad layout guidelines for the LGA device are
shown. Flash Gold is recommended as a surface finish for the
landing pads.
Figure 62:
Recommended PCB Pad Layout (Top View)
Note(s):
1. Unless otherwise specified, all dimensions are in millimeters.
2. Add 0.05mm all around the nominal lead width and length for the PCB pad
land pattern.
3. This drawing is subject to change without notice.
PCB Pad Layout
4.05
Unit: mm
1
5
0.55
0.40
0.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com