Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS72652-BLGT Datasheet (PDF) - ams-OSRAM AG

AS72652-BLGT Datasheet PDF - ams-OSRAM AG
Part # AS72652-BLGT
Download  AS72652-BLGT Download
File Size   1648.62 Kbytes
Page   64 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter

AS72652-BLGT Datasheet (PDF)

Go To PDF Page Download Datasheet
AS72652-BLGT Datasheet PDF - ams-OSRAM AG

Part # AS72652-BLGT
Download  AS72652-BLGT Click to download

File Size   1648.62 Kbytes
Page   64 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter

AS72652-BLGT Datasheet (HTML) - ams-OSRAM AG


AS72652-BLGT Product details

General Description
The AS7265x chipset consists of three sensor devices AS72651
with master capability, AS72652 and AS72653. The multispectral
sensors can be used for spectral identification in a range
from visible to NIR. Every of the three sensor devices has 6 independent
on-device optical filters whose spectral response is
defined in a range from 410nm to 940nm with FWHM of 20nm.
The AS72651, combined with the AS72652 (spectral response
from 560nm to 940nm) and the AS72653 (spectral response
from 410nm to 535nm) form an AS7265x 18-channel
multi-spectral sensor chip-set. Using the AS7265x chipset
requires the use of firmware. It must be loaded into a serial flash
via a UART interface. The list of ams tested serial flash memories
can be found in Figure 56. The components AS72651, AS72652
and AS72653 are pre-calibrated with a specific light source. The
information about the conditions of the performed calibration
(for example light source, gain, integration time) can be found
in the table of optical characteristics of the respective component.
Any operation other than these conditions might require
a new calibration in the application.
Each AS7265x device has two integrated LED drivers with
programmable current and can be timed for electronic shutter
applications.
The device family integrates Gaussian filters into standard
CMOS silicon via nano-optic deposited interference filter technology
in LGA packages that also provide built-in apertures to
control the light entering the sensor array.
Applications
The AS7265x applications include:
• Product/Brand authentication
• Anti-counterfeiting
• Portable spectroscopy
• Product safety/adulteration detection
• Horticultural and specialty lighting
• Material analysis




Similar Part No. - AS72652-BLGT

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
AS72652-BLGT OSRAM-AS72652-BLGT Datasheet
1Mb / 64P
Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
v1-04 2018-Jul-09
More results


Similar Description - AS72652-BLGT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6244X INFINEON-TLE6244X Datasheet
721Kb / 70P
18 Channel Smart Lowside Switch
V4.2, 2003-08-29
logo
Hamamatsu Corporation
S11155-2048 HAMAMATSU-S11155-2048 Datasheet
427Kb / 8P
Back-thinned CCD image sensors with electronic shutter function
logo
ams AG
AS7261N AMSCO-AS7261N Datasheet
1Mb / 42P
XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
AS7264N AMSCO-AS7264N Datasheet
793Kb / 41P
XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
AS72651 AMSCO-AS72651 Datasheet
956Kb / 66P
Sensor with Electronic Shutter and 18-Channel AS7265x Master Capability
AS7265X AMSCO-AS7265X Datasheet
1Mb / 63P
Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
AS7421 AMSCO-AS7421 Datasheet
2Mb / 53P
64-Channel Hyperspectral NIR Sensor
v1-00 / 2022-Aug-25
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
MIRA220 AMSCO-MIRA220 Datasheet
629Kb / 9P
1/2.7” 2.2MP NIR Enhanced Global Shutter Image
v2-00 2022-Oct-06
MIRA050 AMSCO-MIRA050 Datasheet
474Kb / 10P
1/7” Compact 0.5 MP NIR Enhanced Global Shutter Image
v1-01 2022-Dec-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com