Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M3 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RA4M3
Description  Renesas Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M3 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RA4M3 Datasheet HTML 4Page - Renesas Technology Corp RA4M3 Datasheet HTML 5Page - Renesas Technology Corp RA4M3 Datasheet HTML 6Page - Renesas Technology Corp RA4M3 Datasheet HTML 7Page - Renesas Technology Corp RA4M3 Datasheet HTML 8Page - Renesas Technology Corp RA4M3 Datasheet HTML 9Page - Renesas Technology Corp RA4M3 Datasheet HTML 10Page - Renesas Technology Corp RA4M3 Datasheet HTML 11Page - Renesas Technology Corp RA4M3 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
# A A 0
R 7 F A 4 M 3 A F 3 C F B
Package type
BM: FBGA 144 pins
BQ: FBGA 64 pins
FB: LQFP 144 pins
FP: LQFP 100 pins
FM: LQFP 64 pins
Quality Grade
Operating temperature
2: -40°C to 85°C
3: -40°C to 105°C
Code flash memory size
D: 512 KB
E: 768 KB
F: 1 MB
Feature set
Group name
Series name
RA family
Flash memory
Renesas microcontroller
Terminal material (Pb-free)
A: Sn (Tin) only
C: Others
Production identification code
Packing
A: Tray
B: Tray (Full carton)
U: Tray (Full tray)
H: Tape and reel
Note:
Check the order screen for each product on the Renesas website for valid symbols after the #.
Figure 1.2
Part numbering scheme
Table 1.13
Product list (1 of 2)
Product part number
Package code
Code flash
Data
flash
SRAM
Operating
temperature
R7FA4M3AF2CBM
PLBG0144KB-A
1 MB
8 KB
128 KB
-40 to +85°C
R7FA4M3AF3CBM
PLBG0144KB-A
-40 to +105°C
R7FA4M3AF3CFB
PLQP0144KA-B
R7FA4M3AF3CFP
PLQP0100KB-B
R7FA4M3AF2CBQ
PLBG0064JC-A
-40 to +85°C
R7FA4M3AF3CBQ
PLBG0064JC-A
-40 to +105°C
R7FA4M3AF3CFM
PLQP0064KB-C
RA4M3 Datasheet
1. Overview
R01DS0368EJ0150 Rev.1.50
Apr 25, 2025
Page 8 of 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com