Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M3 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RA4M3
Description  Renesas Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M3 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RA4M3 Datasheet HTML 6Page - Renesas Technology Corp RA4M3 Datasheet HTML 7Page - Renesas Technology Corp RA4M3 Datasheet HTML 8Page - Renesas Technology Corp RA4M3 Datasheet HTML 9Page - Renesas Technology Corp RA4M3 Datasheet HTML 10Page - Renesas Technology Corp RA4M3 Datasheet HTML 11Page - Renesas Technology Corp RA4M3 Datasheet HTML 12Page - Renesas Technology Corp RA4M3 Datasheet HTML 13Page - Renesas Technology Corp RA4M3 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
1.4
Function Comparison
Table 1.14
Function Comparison (1 of 2)
Parts number
R7FA4M3AXXCFB
R7FA4M3AXXCBM
R7FA4M3AXXCFP
R7FA4M3AXXCFM
R7FA4M3AXXCBQ
Pin count
144
100
64
Package
LQFP
BGA
LQFP
BGA
Code flash memory
1 MB
768 KB
512 KB
1 MB
768 KB
1 MB
768 KB
512 KB
Data flash memory
8 KB
SRAM
128 KB
Parity
64 KB
ECC
64 KB
Standby SRAM
1 KB
DMA
DTC
Yes
DMAC
8
System
CPU
clock
100 MHz (max.)
CPU
clock
sources
MOSC, SOSC, HOCO, MOCO, LOCO, PLL
CAC
Yes
WDT/
IWDT
Yes
Backup
register
128 B
Communic
ation
SCI
6
IIC
2
SPI
1
CAN
2
USBFS
Yes
QSPI
Yes
SSIE
Yes
No
Yes
SDHI/M
MC
Yes
No
Timers
GPT32
*1
4
GPT16
*1
4
AGT*1
6
RTC
Yes
Analog
ADC12
Unit 0: 12
Unit 1: 10
Shared channel pin: 3*2
Unit 0: 11
Unit 1: 9
Shared channel pin:
3*2
Unit 0: 7
Unit 1: 4
Shared channel pin: 3*2
DAC12
2
TSN
Yes
HMI
CTSU
20
12
7
RA4M3 Datasheet
1. Overview
R01DS0368EJ0150 Rev.1.50
Apr 25, 2025
Page 10 of 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com