Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO70040 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO70040
Description  5.5 V Low Loss Power Distribution Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70040 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO70040 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO70040 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DIO70040
Version 1.1, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
10
10.Physical Dimension: SOT23-5
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Nom
Max
A
-
-
1.25
A1
0
-
0.15
A2
1.00
1.10
1.20
A3
0.60
0.65
0.70
b
0.36
-
0.45
b1
0.35
0.38
0.41
c
0.14
-
0.20
c1
0.14
0.15
0.16
D
2.826
2.926
3.026
E
2.60
2.80
3.00
E1
1.526
1.626
1.726
e
0.90
0.95
1.00
e1
1.80
1.90
2.00
K
0
-
0.25
L
0.30
0.40
0.60
L1
0.59 REF
L2
0.25 BSC
M
0.10
0.15
0.25
R
0.05
-
0.20
R1
0.05
-
0.20
θ
0°
-
8°
θ1
8°
10°
12°
θ2
10°
12°
14°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com