Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO70040LFST5 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO70040LFST5
Description  5.5 V Low Loss Power Distribution Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70040LFST5 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO70040LFST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
DIO70040
Version 1.3, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
8
9. Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purposes only.
9.1. Power supply considerations
A 10 μF ceramic capacitor from VIN to GND to prevent the input voltage from dropping during the hot-plug
condition is strongly recommended. However higher capacitance could help reduce the voltage drop. Further
more, bypassing the output with a 10 μF ceramic capacitor improves the immunity of the device to short-circuit
transients, because an output short will cause ringing on the input without the input capacitor. It could destroy
the internal circuitry when the input transient voltage exceeds the absolute maximum supply voltage even for a
short duration.
9.2. Undervoltage lockout
The undervoltage lockout (UVLO) circuit disables the power switch until the input voltage reaches the UVLO
turn-on threshold. Built-in hysteresis prevents unwanted on / off cycling due to input voltage drop from large
current surges.
9.3. Enable
The logic enable controls the power switch, driver, and other circuitry to reduce the supply current. The EN / EN
control pin must be driven to a logic high or logic low for a clearly defined signal input. Floating these control
lines may cause unpredictable operation.
9.4. Overcurrent protection
The DIO70040 responds to over current conditions by limiting output current to the ILIM levels. When an over
current condition is detected, the device maintains a constant output current and reduces the output voltage
accordingly. Complete shut down occurs only if the fault is present long enough to activate thermal limit.
Three possible overload conditions can occur. In the first condition, the output has been shorted to GND before
the device is enabled or before VIN has been applied. The DIO70040 senses the short circuit and immediately
clamps output current to a certain safe level.
In the second condition, an excessive load occurs while the device is enabled. When the excessive load occurs,
very high currents may flow for a short time before the current limit circuit can react. After the current limit circuit
has tripped (reached the overcurrent trip threshold) the device switches into constant current mode to limit the
current close to ILIM.
In the third condition the load is gradually increasing beyond the recommended operating current. The current is
permitted to rise until the current limit threshold (ILIM) is reached or until the thermal limit of the device is
exceeded. The DIO70040 is capable of delivering current up to the current limit threshold (ILIM) without damaging
the device. Once the threshold has been reached, the device switches into its constant current mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com