Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO70040LFST5 Datasheet(PDF) 15 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO70040LFST5
Description  5.5 V Low Loss Power Distribution Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70040LFST5 Datasheet(HTML) 15 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO70040LFST5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO70040LFST5 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DIO70040
Version 1.3, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
11
10.2. SOIC-8
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Nom
Max
A
1.35
1.55
1.75
A1
0.10
-
0.25
A2
1.30
1.40
1.50
A3
0.50
0.60
0.70
b
0.38
-
0.47
b1
0.37
0.40
0.43
c
0.17
-
0.25
c1
0.17
0.20
0.23
D
4.80
4.90
5.00
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
e
1.17
1.27
1.37
L
0.45
0.60
0.80
L1
1.04 REF
L2
0.25 BSC
R
0.07
-
-
R1
0.07
-
-
h
0.30
0.40
0.50
θ
0°
-
8°
θ1
15°
17°
19°
θ2
11°
13°
15°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com