Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO70040NLFST5 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO70040NLFST5
Description  5.5 V Low Loss Power Distribution Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70040NLFST5 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO70040NLFST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DIO70040
Version 1.3, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
I
5.5 V Low Loss Power Distribution Switch
Features
Input voltage: 2.7 V to 5.5 V
Typical 57 mΩ on-resistance
Undervoltage lockout
Overcurrent protection, short circuit protection
and over temperature protection
Fault time 8 ms (typ) with blanking
Reverse blocking (no body diode)
No reverse current when power ON or power
OFF
Enable polarity: active high or active low
Quick output discharge
−
DIO70040H: available, EN high
−
DIO70040NH: not available, EN high
−
DIO70040L: available, EN low
−
DIO70040NL: not available, EN low
Applications
USB ports / hubs
Digital TV
Set-top boxes
VOIP phones
Package Information
Part Number
Package
Body Size
DIO70040
SOT23-5
2.93 mm × 1.63 mm
SOIC-8
4.90 mm × 3.90 mm
EP-MSOP8 3.00 mm × 3.00 mm
MSOP-8
3.00 mm × 3.00 mm
Description
The DIO70040 power distribution switch is intended
for applications where precision current limiting is
required or heavy capacitive loads and short circuits
are encountered. The power switch rising and falling
times are controlled to minimize current surges
during turning on / off.
The DIO70040 provides 3 A current limit.
The DIO70040 device limits the output current under
a safe level by using a constant current mode when
the output load exceeds the current limit threshold.
The DIO70040 is available in the SOT23-5, SOIC-8,
EP-MSOP8 and MSOP-8 packages. It is rated over
the -40°C to 85°C temperature range.
Simplified Schematic


Similar Part No. - DIO70040NLFST5

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO70040NLXMP8 DIOO-DIO70040NLXMP8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040NLXSO8 DIOO-DIO70040NLXSO8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040NLXST5 DIOO-DIO70040NLXST5 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040NLXXM8 DIOO-DIO70040NLXXM8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
More results

Similar Description - DIO70040NLFST5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
ACE Technology Co., LTD...
ACE346N ACE-ACE346N Datasheet
286Kb / 4P
Low Loss Power Distribution Switch
VER 1.1
logo
Global Mixed-mode Techn...
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
Power Distribution Switch
Ver: 0.94 Aug 02, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com