Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO70040NLFST5 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO70040NLFST5
Description  5.5 V Low Loss Power Distribution Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70040NLFST5 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO70040NLFST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70040NLFST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DIO70040
Version 1.3, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
1
1. Pin Assignment and Functions
Figure 1. SOT23-5 (Top view)
Figure 2. SOIC-8/MSOP-8 (Top view)
Figure 3. EP-MSOP8 (Top view)
Name
Description
OUT
Output pin, decoupled with a 10 μF capacitor to GND
GND
Ground pin
FLG
Fault flag output
EN / EN
Active high or Active low. Do not leave it floating
IN
Input pin, decoupled with a 10 µF capacitor to GND
Thermal pad (GND)
Internally connect to GND. Recommend to connect to a large ground plane for the improved thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com