Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIU6931 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIU6931
Description  High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIU6931 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIU6931 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DIU6931
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIU6931• V1.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other condition beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maxim rating conditions for extended periods may affect device reliability.DIOO
does not Recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Rating
Unit
VCC
Supply voltage (V+ – V-)
-0.3 to 36
V
VEN
EN voltage
-0.3 to VIN + 0.3
V
VFB
FB voltage
-0.3 to 6
V
VBS
BS voltage
VSW + 6
V
VSW
SW voltage
< 20 ns
-5 to 32
V
> 20 ns
-0.3 to 30
V
ӨJA
Package thermal resistance
87.9
°C/W
ӨJC
42.2
TSTG
Storage temperature range
-65 to 150
°C
TJ
Junction temperature range
150
°C
TL
Lead temperature range
260
°C
ESD
Human-body mode (HBM)
±2000
V
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended Operating
conditions are specified to ensure optimal performance to the datasheet specifications.
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
4.5 to 30
V
TJ
Junction temperature range
-40 to 125
°C
TA
Ambient temperature range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com