Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIU6931 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIU6931
Description  High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIU6931 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIU6931 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIU6931 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DIU6931
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIU6931• V1.1
Electrical Characteristics
VIN = 12 V, VOUT = 1.2 V, L = 2.2 μH, COUT = 47 μF, TA = 25 °C, IOUT = 1 A, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input voltage range
4.5
30
V
IQ
Quiescent current
IOUT = 0, VFB = VREF × 105%
140
µA
ISHDN
Shutdown current
EN = 0
5
10
µA
VFB
Feedback reference voltage
0.754
0.765
0.776
V
IFB
FB input current
VFB = 3.3 V
-50
50
nA
RDS(ON)(1)
Top FET RON
80
mΩ
RDS(ON)(1)
Bottom FET RON
40
mΩ
ILIM(1)
Low side power FET current limit
3.0
4.0
A
VENH
EN rising threshold
TA = 25 °C
0.75
0.8
0.85
V
TA = -40 ~ 125 °C
0.69
0.8
0.91
V
VENL_HYS
Hysteresis
60
80
100
mV
VUVLO
VIN under-voltage unlock
Threshold, rising
4.45
V
VUVLO_HYS
UVLO hysteresis
300
mV
fSW
Switching frequency
700
kHz
Min ON time(1)
40
ns
Min OFF time(1)
180
ns
tSS(1)
Soft start time
1
ms
TSD(1)
Thermal shutdown temperature
148
°C
THYS(1)
Thermal shutdown hysteresis
20
°C
Note:
(1)
Guaranteed by design.
(2)
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com