Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPW-34 Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # BPW-34
Description  Silicon PIN Photodiode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BPW-34 Datasheet(HTML) 1 Page - ams-OSRAM AG

  BPW-34 Datasheet HTML 1Page - ams-OSRAM AG BPW-34 Datasheet HTML 2Page - ams-OSRAM AG BPW-34 Datasheet HTML 3Page - ams-OSRAM AG BPW-34 Datasheet HTML 4Page - ams-OSRAM AG BPW-34 Datasheet HTML 5Page - ams-OSRAM AG BPW-34 Datasheet HTML 6Page - ams-OSRAM AG BPW-34 Datasheet HTML 7Page - ams-OSRAM AG BPW-34 Datasheet HTML 8Page - ams-OSRAM AG BPW-34 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BPW 34
1 Version 1.5 | 2020-01-08
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
BPW 34
DIL
Silicon PIN Photodiode
—
Electronic Equipment
—
Industrial Automation (Machine Controls, Light
Barriers, Vision Controls)
Features:
—
Package: Epoxy, diffuse
—
Corrosion Robustness Class: 3B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
Especially suitable for applications from 400 nm to 1100 nm
—
Short switching time (typ. 20 ns)
—
DIL plastic package with high packing density
Ordering Information
Type
Photocurrent 1)
Photocurrent
Ordering Code
typ.
E
v = 1000 lx; Std. Light A; VR = 5 V
E
v = 1000 lx; Std. Light A; VR = 5 V
I
P
I
P
BPW 34
≥ 55 µA
80 µA
Q62702P0073


Similar Part No. - BPW-34

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPW-34 OSRAM-BPW-34 Datasheet
474Kb / 6P
Especially suitable for applications from 400 nm to 1100 nm
BPW-34-B OSRAM-BPW-34-B Datasheet
244Kb / 7P
Especially suitable for applications from 350 nm to 1100 nm
logo
ams-OSRAM AG
BPW-34-B AMSOSRAM-BPW-34-B Datasheet
635Kb / 13P
Silicon PIN Photodiode with Enhanced Blue SensitivSensitivity;
2019-07-16
logo
OSRAM GmbH
BPW-34-BS OSRAM-BPW-34-BS Datasheet
244Kb / 7P
Especially suitable for applications from 350 nm to 1100 nm
logo
ams-OSRAM AG
BPW-34-BS AMSOSRAM-BPW-34-BS Datasheet
890Kb / 16P
Silicon PIN Photodiode with Enhanced Blue Sensitivity;in SMT
Version 1.7 2018-06-21
More results

Similar Description - BPW-34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com