Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3045SN Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # P3045SN
Description  Snap-mount rivet series to fix 2 chassis plates together
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

P3045SN Datasheet(HTML) 1 Page - KITAGAWA GmbH

  P3045SN Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
●
●
●
(
:
)
(Unit:mm)
(Unit:mm)
φ4.5mm
●
●
●
(
:
)
φ12.6
φ4mm
● Nylon 6 (Color: Black,White ※)
● Nylon 46 (Color: Beige )
NYLON RIVET / P
・NR・NRP・P-SN
Features
Material
UL94 V-2
UL94 V-2
※ With regard to lot size and lead time for the white type, please contact us.
Snap Mounting(by Pushing rivet)
A
A
Nylon rivet
Chassis A
Chassis B
Round hole
● Permanent fixation of two chassis by simply pushing
down the rivet.
Made of Nylon 46
(Unit:mm)
φ3.1
φ4.1
Part No.
Grip range
Std. Package
P3045SN
P3055SN
P4060SN
3
4
4.5
5.5
6.0
Length B
2.0~3.0
3.0~4.0
3.5~4.5
1,000 pcs.
Mounting
hole size
Axis
diameter A
Made of Nylon 6
Part No.
Grip range
Std. Package
Axis
diameter A
P2024
P2032
P2040
P2048
NRP-232
NRP-242
NRP-335
NRP-345
NRP-355
NRP-365
NRP-380
NR-354
2.0
2.6
3.0
3.5
2.4
3.2
4.0
4.8
3.2
4.2
3.5
4.5
5.5
6.5
8.0
5.5
Length B
φ2.1
φ2.7
φ3.1
φ3.6
0.6~1.2
1.3~2.0
2.1~2.8
2.9~3.6
1.0~2.0
2.1~3.0
1.0~2.0
2.0~3.0
3.0~4.0
4.0~5.0
5.5~6.5
3.2~4.1
Mounting
hole size
1,000 pcs.
(Unit:mm)
Part No.
Grip range
Std. Package
Axis
diameter A
NRP-450
NRP-460
NRP-470
NRP-480
NRP-504
NRP-505
NRP-506
NRP-507
NRP-508
NRP-509
NRP-510
4.0
5.0
5.0
6.0
7.0
8.0
4.5
5.5
6.5
7.5
8.5
9.5
10.5
Length B
φ4.1
 
φ5.1
2.5~3.5
3.5~4.5
4.5~5.5
5.5~6.5
1.5~2.5
2.5~3.5
3.5~4.5
4.5~5.5
5.5~6.5
6.5~7.5
7.5~8.5
Mounting
hole size
1,000 pcs.
Snap-mount rivet series to fix 2 chassis plates together
C
Part No.
Mounting hole size Panel thickness
Std. Package
ES-1K
ES-2K
ES-3K
ES-4K
ES-5K
D+9.5
500 pcs.
Screw diameter Screw length (Nominal length)
4.5
11.0
A
0.8
1.6
3.2
4.8
6.4
B
9.7
□C
□6.7
0.5~2.0
+0.3
 0
Part No.
Mounting hole size Panel thickness Std. Package
TFR-1
TFR-3
TFR-4
D 
+12.5
Screw diameter
φ4
19.4
A
0.8
3.2
4.8
B
□7.9  
+0.2
 0
0.5~
2.8
Screw length (Nominal length)
500
pcs.
20


Similar Part No. - P3045SN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P304 PHILIPS-P304 Datasheet
47Kb / 8P
Smart eID
Rev. 01-29 July 2008
logo
List of Unclassifed Man...
P304 ETC2-P304 Datasheet
4Mb / 122P
E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
logo
NXP Semiconductors
P3041 NXP-P3041 Datasheet
331Kb / 31P
P3041 QorIQ Communications Processor
Rev. 0, 11/2011
logo
Freescale Semiconductor...
P3041DS-PB FREESCALE-P3041DS-PB Datasheet
397Kb / 2P
P3041 Development System
P3041NSE1NNB FREESCALE-P3041NSE1NNB Datasheet
774Kb / 9P
Integrated access routers, Enterprise switching, Security gateways
More results

Similar Description - P3045SN

ManufacturerPart #DatasheetDescription
logo
FCI connector
86303641B FCI-CONNECTOR-86303641B Datasheet
59Kb / 1P
SNAP TOGETHER
logo
ITT Industries
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
Cannon Trident Connector System Snap Together-Rectangular
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
Cannon Trident Connector System Snap Together-Slimline
logo
Wurth Elektronik GmbH &...
74271722 WURTH-74271722 Datasheet
448Kb / 4P
STAR-FIX Snap Ferrite with flexible cable fixing
74271722S WURTH-74271722S Datasheet
448Kb / 4P
STAR-FIX Snap Ferrite with flexible cable fixing
74271733S WURTH-74271733S Datasheet
504Kb / 4P
STAR-FIX Snap Ferrite with flexible cable fixing
logo
Richco, Inc.
WS-SR-1-01 RICHCO-WS-SR-1-01 Datasheet
136Kb / 1P
WIRE SADDLE- SNAP RIVET
logo
Alpha Wire
25483 ALPHAWIRE-25483 Datasheet
44Kb / 2P
2/Cond Cabled Together
25492 ALPHAWIRE-25492 Datasheet
44Kb / 2P
2/Cond Cabled Together
25493 ALPHAWIRE-25493 Datasheet
44Kb / 2P
2/Cond Cabled Together
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com