Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4BC40W Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRG4BC40W
Description  Standard IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRG4BC40W Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRG4BC40W Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRG4BC40W Datasheet HTML 2Page - Inchange Semiconductor Company Limited IRG4BC40W Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IRG4BC40W
Standard IGBT
www.iscsemi.com
1
FEATURES
· low switching loss
· low Vce(on)
· built-in freewheeling diode
APPLICATIONS
· PFC circuit
· SMPS power supply
· motor drive
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
600
V
VGE
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
TC=25℃
40
A
TC=100℃
20
A
ICM
Pulsed Collector Current
160
A
PD
Power Dissipation
160
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.77
℃
/W


Similar Part No. - IRG4BC40W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC40W IRF-IRG4BC40W Datasheet
129Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A)
IRG4BC40WL IRF-IRG4BC40WL Datasheet
343Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40WPBF IRF-IRG4BC40WPBF Datasheet
207Kb / 9P
ISSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40WPBF IRF-IRG4BC40WPBF Datasheet
283Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40WPBF IRF-IRG4BC40WPBF_15 Datasheet
283Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4BC40W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA100TS60SQ IRF-GA100TS60SQ Datasheet
113Kb / 7P
HALF-BRIDGE IGBT INT-A-PAK Standard Speed IGBT
GA600HD25S IRF-GA600HD25S Datasheet
637Kb / 10P
Standard Speed IGBT
GA100TS60SF IRF-GA100TS60SF Datasheet
112Kb / 7P
Standard Speed IGBT
logo
Semikron International
SKM75GD123D SEMIKRON-SKM75GD123D_06 Datasheet
695Kb / 6P
Standard IGBT Modules
SKM40GD123D SEMIKRON-SKM40GD123D_06 Datasheet
673Kb / 6P
Standard IGBT modules
SKM22GD123D SEMIKRON-SKM22GD123D_06 Datasheet
633Kb / 6P
Standard IGBT modules
logo
International Rectifier
GA200HS60S1 IRF-GA200HS60S1 Datasheet
67Kb / 6P
HALF-BRIDGE IGBT INT-A-PAK Standard Speed IGBT
logo
Vishay Siliconix
GA100TS60SFPBF VISHAY-GA100TS60SFPBF Datasheet
133Kb / 7P
"Half-Bridge" IGBT INT-A-PAK (Standard Speed IGBT), 100 A
04-May-10
GA200HS60S1PBF VISHAY-GA200HS60S1PBF Datasheet
128Kb / 6P
"Half-Bridge" IGBT INT-A-PAK (Standard Speed IGBT), 200 A
03-May-10
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF_V01 Datasheet
153Kb / 7P
“Half-Bridge” IGBT INT-A-PAK, (Standard Speed IGBT), 100 A
10-Jun-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com