Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC4N1350 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISC4N1350
Description  isc N-Channel MOSFET Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISC4N1350 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISC4N1350 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISC4N1350 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISC4N1350 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISC4N1350 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISC4N1350 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
isc N-Channel MOSFET Transistor
ISC4N1350
www.iscsemi.com
2023-9-7
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBO
L
PARAMETER
CONDITIONS
MIN
Typ
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V; ID= 1mA
1500
--
--
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.25mA
3.0
--
6.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 1.3A
--
--
9.0
Ω
IGSS
Gate-Body Leakage Current
VGS= ±30V;VDS= 0V
--
--
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 1500V; VGS= 0V
--
--
10
uA
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS=0V,
VDS=25V,
f=1.0MHZ
--
1600
--
pF
Crss
Reverse Transfer Capacitance
--
33
--
Coss
Output Capacitance
--
100
--
Rg
Gate input resistance
f=1 MHz Gate DC Bias=0
Test signal level=20mV
open drain
--
4.5
--
Ω
Qg
Total Gate Charge
VDD=750V,
ID=3A, VGS=0 to 10V
--
36
--
nC
Qgs
Gate-to-Source Charge
--
9.5
--
Qgd
Gate-to-Drain (Miller) Charge
--
12
--
td(on)
Turn-on Delay Time
VDD=750V,
ID=3A,
VGS=10V
Rg=4.7Ω
--
25
--
nS
tr
Rise Time
--
48
--



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com