Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC4N1350 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISC4N1350
Description  isc N-Channel MOSFET Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISC4N1350 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISC4N1350 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISC4N1350 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISC4N1350 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISC4N1350 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISC4N1350 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
isc N-Channel MOSFET Transistor
ISC4N1350
www.iscsemi.com
2023-9-7
3
td(OFF)
Turn-Off Delay Time
--
57
--
tf
Fall Time
--
52
--
SOURCE-DRAIN BODY DIODE CHARACTERISTICS
ISD
Continuous Source Current
Integral pn-diode
in MOSFET
--
--
4.0
A
ISM
Pulsed Source Current
--
--
10
VSD
Diode Forward Voltage
ISD= 4A, VGS = 0 V
--
--
1.63
V
trr
Reverse Recovery Time
VGS=0V
IF=4 A, di/dt=100A/µs
--
255
--
ns
Qrr
Reverse Recovery Charge
--
1.1
--
uC
Typical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com