Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX-48 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # BPX-48
Description  Silicon Differential Photodiode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BPX-48 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button BPX-48 Datasheet HTML 3Page - ams-OSRAM AG BPX-48 Datasheet HTML 4Page - ams-OSRAM AG BPX-48 Datasheet HTML 5Page - ams-OSRAM AG BPX-48 Datasheet HTML 6Page - ams-OSRAM AG BPX-48 Datasheet HTML 7Page - ams-OSRAM AG BPX-48 Datasheet HTML 8Page - ams-OSRAM AG BPX-48 Datasheet HTML 9Page - ams-OSRAM AG BPX-48 Datasheet HTML 10Page - ams-OSRAM AG BPX-48 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BPX 48
7 Version 1.3 | 2018-05-30
Dimensional Drawing 3)
4.05 (0.159)
3.75 (0.148)
0.5 (0.020)
0.3 (0.012)
0.8 (0.031)
0.6 (0.024)
2.54 (0.100)
7.8 (0.307)
7.4 (0.291)
6.6 (0.260)
6.3 (0.248)
0.3 (0.012)
0.25 (0.010)
7.62 (0.300) spacing
1.10 (0.043)
0.09 (0.004)
0.4 (0.016)
2.54 (0.100)
cathode
anode
Radiant sensitive area
Approx. weight 0.1 g
GEOY6638
Diode system
2.0 (0.079) x 0.67 (0.026)
0.5 (0.020)
0.7 (0.028)
0...5˚
Approximate Weight:
109.0 mg
Package marking:
Cathode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com