Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX-48 Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # BPX-48
Description  Silicon Differential Photodiode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BPX-48 Datasheet(HTML) 1 Page - ams-OSRAM AG

  BPX-48 Datasheet HTML 1Page - ams-OSRAM AG BPX-48 Datasheet HTML 2Page - ams-OSRAM AG BPX-48 Datasheet HTML 3Page - ams-OSRAM AG BPX-48 Datasheet HTML 4Page - ams-OSRAM AG BPX-48 Datasheet HTML 5Page - ams-OSRAM AG BPX-48 Datasheet HTML 6Page - ams-OSRAM AG BPX-48 Datasheet HTML 7Page - ams-OSRAM AG BPX-48 Datasheet HTML 8Page - ams-OSRAM AG BPX-48 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BPX 48
1 Version 1.3 | 2018-05-30
Produktdatenblatt | Version 1.1
www.osram-os.com
BPX 48
DIL
Silicon Differential Photodiode
Applications
—
Industrial Automation (Machine controls, Light
barriers, Vision controls)
Features:
—
Package: Epoxy, diffuse
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
Especially suitable for applications from 400 nm to 1100 nm
—
High photosensitivity
—
DIL plastic package with high packing density
—
Double diode with extremely high homogeneousness
Ordering Information
Type
Photocurrent
Photocurrent
Ordering Code
typ.
E
v = 1000 lx; Std. Light A; VR = 5 V
E
v = 1000 lx; Std. Light A; VR = 5 V
I
P
I
P
BPX 48
≥ 15 µA
24 µA
Q62702P0017S001


Similar Part No. - BPX-48

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPX-48 OSRAM-BPX-48 Datasheet
197Kb / 9P
Silicon Differential Photodiode Version 1.1
More results

Similar Description - BPX-48

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX48 SIEMENS-BPX48 Datasheet
245Kb / 5P
Silizium-Differential-Fotodiode Silicon Differential Photodiode
SFH221S SIEMENS-SFH221S Datasheet
221Kb / 4P
Silizium-Differential-Fotodiode Silicon Differential Photodiode
SFH248 SIEMENS-SFH248 Datasheet
105Kb / 2P
WITH DAYLIGHT FILTER SILICON DIFFERENTIAL PHOTODIODE
logo
List of Unclassifed Man...
BPX48F ETC1-BPX48F Datasheet
186Kb / 6P
Silizium-Differential-Fotodiode Silicon Differential Photodiode
logo
PerkinElmer Optoelectro...
VTP1332 PERKINELMER-VTP1332 Datasheet
279Kb / 2P
SILICON PHOTODIODE
logo
Vishay Siliconix
BPW20RF VISHAY-BPW20RF_08 Datasheet
140Kb / 5P
Silicon Photodiode
08-Sep-08
BPW21R VISHAY-BPW21R_08 Datasheet
137Kb / 5P
Silicon Photodiode
08-Sep-08
BPW21R VISHAY-BPW21R_11 Datasheet
137Kb / 5P
Silicon Photodiode
23-Nov-11
logo
OSRAM GmbH
BPX-48 OSRAM-BPX-48 Datasheet
197Kb / 9P
Silicon Differential Photodiode Version 1.1
logo
Vishay Siliconix
BPW21R VISHAY-BPW21R_V01 Datasheet
133Kb / 5P
Silicon Photodiode
23-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com