Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUW-Y3SH-B1 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # CUW-Y3SH-B1
Description  Micro SIDELED® 3806
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CUW-Y3SH-B1 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button CUW-Y3SH-B1 Datasheet HTML 12Page - ams-OSRAM AG CUW-Y3SH-B1 Datasheet HTML 13Page - ams-OSRAM AG CUW-Y3SH-B1 Datasheet HTML 14Page - ams-OSRAM AG CUW-Y3SH-B1 Datasheet HTML 15Page - ams-OSRAM AG CUW-Y3SH-B1 Datasheet HTML 16Page - ams-OSRAM AG CUW-Y3SH-B1 Datasheet HTML 17Page - ams-OSRAM AG CUW-Y3SH-B1 Datasheet HTML 18Page - ams-OSRAM AG CUW-Y3SH-B1 Datasheet HTML 19Page - ams-OSRAM AG CUW-Y3SH-B1 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
CUW Y3SH.B1
DATASHEET
DATASHEET
16 | Version 1.5 | 2022-06-03
Max. Permissible Forward Current
I
F = f(T)
CUW Y3SH.B1
020406080
100
T [°C]
0
5
10
15
20
25
30
35
40
45
IF [mA]
:Ta
:Ts
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle
10-6
10-5
10-4
10-3
0.01
0.11
10
Pulsetime [s]
0.04
0.06
0.08
0.10
IF [A]
TS =0°C ... 85°C
CUW Y3SH.B1
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com