Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW2-FKAQ83-Z1 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # CW2-FKAQ83-Z1
Description  OSLUX® S
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CW2-FKAQ83-Z1 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button CW2-FKAQ83-Z1 Datasheet HTML 5Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 6Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 7Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 8Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 9Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 10Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 11Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 12Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CW2 FKAQ83.Z1
9 Version 1.1 | 2020-10-13
Forward current 8), 9)
I
F = f(VF); TJ = 25 °C
CW2FKAQ83.Z1Single
2,53,3
2,62,8
3,03,2
VF [V]
20
1500
200
400
600
800
1000
1200
1400
IF [mA]
Relative Luminous Flux 8), 9)
E
v/Ev(1000 mA) = f(IF); TJ = 25 °C
CW2FKAQ83.Z1Single
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
ΦV
ΦV(1000mA)
Chromaticity Coordinate Shift 8)
ΔCx, ΔCy = f(I
F); TJ = 25 °C
CW2FKAQ83.Z1 Multi
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: ∆ Cx -coldwhite
: ∆ Cy -coldwhite
: ∆ Cx -warmwhite
: ∆ Cy -warmwhite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com