Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW2-FKAQ83-Z1 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # CW2-FKAQ83-Z1
Description  OSLUX® S
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CW2-FKAQ83-Z1 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button CW2-FKAQ83-Z1 Datasheet HTML 12Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 13Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 14Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 15Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 16Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 17Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 18Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 19Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 20Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
CW2 FKAQ83.Z1
19 Version 1.1 | 2020-10-13
Glossary
1)
Brightness: Brightness values are measured during a current pulse of typically 25 ms, with an internal
reproducibility of ±8 % and an expanded uncertainty of ±11 % (acc. to GUM with a coverage factor of
k = 3).
2)
Operating Conditions: Operating conditions according DC-derating (Max. Permissible Forward Current)
3)
Operating Conditions: Operating conditions according Pulse-derating (Permissible Pulse Handling
Capability)
4)
Reverse Operation: Not designed for reverse operation. Continuous reverse operation can cause mi-
gration and damage of the device.
5)
Chromaticity coordinate groups: Chromaticity coordinates are measured during a current pulse of
typically 25 ms, with an internal reproducibility of ±0.005 and an expanded uncertainty of ±0.01 (acc. to
GUM with a coverage factor of k = 3).
6)
Forward Voltage: The forward voltage is measured during a current pulse of typically 8 ms, with an
internal reproducibility of ±0.05 V and an expanded uncertainty of ±0.1 V (acc. to GUM with a coverage
factor of k = 3).
7)
Thermal Resistance: The typical Rth value is the average of a distribution. The value was determined
on a sample basis and is not monitored.
8)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
9)
Characteristic curve: In the range where the line of the graph is broken, you must expect higher differ-
ences between single devices within one packing unit.
10)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.
11)
Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com