Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDX-00 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # ASDX-00
Description  Industrial High-Power Flood Illuminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

ASDX-00 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button ASDX-00 Datasheet HTML 11Page - ams-OSRAM AG ASDX-00 Datasheet HTML 12Page - ams-OSRAM AG ASDX-00 Datasheet HTML 13Page - ams-OSRAM AG ASDX-00 Datasheet HTML 14Page - ams-OSRAM AG ASDX-00 Datasheet HTML 15Page - ams-OSRAM AG ASDX-00 Datasheet HTML 16Page - ams-OSRAM AG ASDX-00 Datasheet HTML 17Page - ams-OSRAM AG ASDX-00 Datasheet HTML 18Page - ams-OSRAM AG ASDX-00 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Document Feedback
EGA2000-850-UW
Tape & Reel Information
Datasheet
• PUBLIC
DS000695
• v4-00 • 2023-Apr-04
24
│ 14
8
Tape & Reel Information
8.1
Overview
Sampling Shipments:
The modules are shipped in tape & reel.
MP Shipments:
The modules are shipped in tape & reel.
Figure 16:
Carrier Tape Dimensions and Overview(1)(2)(3)
(1)
Cover tape dimensions are 9.3 mm.
(2)
Device pin 1 oriented towards tape holes.
(3)
Reference material: Polystyrene carrier and Polyester clear tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com