Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDX-00 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # ASDX-00
Description  Industrial High-Power Flood Illuminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

ASDX-00 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button ASDX-00 Datasheet HTML 17Page - ams-OSRAM AG ASDX-00 Datasheet HTML 18Page - ams-OSRAM AG ASDX-00 Datasheet HTML 19Page - ams-OSRAM AG ASDX-00 Datasheet HTML 20Page - ams-OSRAM AG ASDX-00 Datasheet HTML 21Page - ams-OSRAM AG ASDX-00 Datasheet HTML 22Page - ams-OSRAM AG ASDX-00 Datasheet HTML 23Page - ams-OSRAM AG ASDX-00 Datasheet HTML 24Page - ams-OSRAM AG ASDX-00 Datasheet HTML 25Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Document Feedback
EGA2000-850-UW
Appendix
Datasheet
• PUBLIC
DS000695
• v4-00 • 2023-Apr-04
24
│ 21
11
Appendix
11.1
RoHS Compliance
The EGA2000-850-UW module is RoHS compliant.
11.2
Safety Advice
Depending on the operational use of the device, the modules can emit highly concentrated non-visible
infrared light, which can be hazardous to the human eyes. Products incorporating these modules may
have to follow the safety precautions described by IEC 60825-1 and IEC 62471.
This product emits infrared radiation and has not yet been classified under IEC 60825-1. All
appropriate safety precautions should be exercised in the operation and use of this product.
CAUTION
●
Avoid direct eye exposure except as may be determined and directed by purchaser.
●
Appropriate protective eyewear should be worn when operating.
●
Use of magnifying optical instruments with this component may increase eye hazard.
●
Avoid obstructing fully the optical path, due to risk for the lens to melt and cause eye hazard.
●
Obstructing, redirecting or focusing the optical power back to the module is considered a
device misuse and can potentially lead to a health hazard.
LASER PRODUCT
LASER RADIATION – AVOID DIRECT EYE EXPOSURE
WAVELENGTH: 850nm
MAXIMUM OUTPUT POWER: Depends on drive mode
WEAR PROTECTIVE GLASSES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com