Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS206AMC Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SCS206AMC
Description  Rectifiers Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SCS206AMC Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SCS206AMC Datasheet HTML 1Page - Inchange Semiconductor Company Limited SCS206AMC Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rectifiers Diode
SCS206AMC
www.iscsemi.com
1
FEATURES
· Shorter recovery time
· Reduced temperature dependence
· High-speed switching possible
APPLICATIONS
· PFC Boost Topology
· PV Power Conditioners
· Secondary Side Rectification
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Reverse voltage (repetitive peak)
650
V
VR
Reverse voltage (DC)
650
V
IF
Continuous forward current,TC=115℃
6
A
IFSM
Surge non-repetitive forward current
PW=10ms sinusoidal
23
A
IFRM
Repetitive peak forward current
21
A
PD
Total power dissipation
31
W
TVJ
Virtual Junction temperature
175
℃
Tstg
storage temperature
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance, junction-to-case
4.8
℃
/W


Similar Part No. - SCS206AMC

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AM ROHM-SCS206AM Datasheet
916Kb / 6P
SiC Schottky Barrier Diode
SCS206AM ROHM-SCS206AM_17 Datasheet
916Kb / 6P
SiC Schottky Barrier Diode
More results

Similar Description - SCS206AMC

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP1120 DEC-GP1120 Datasheet
428Kb / 2P
HIGH VOLTAGE DIODE RECTIFIERS
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020_07 Datasheet
113Kb / 2P
Schottky Barrier Rectifiers - Single Diode
SBT1820 DIOTEC-SBT1820 Datasheet
121Kb / 2P
Schottky Barrier Rectifiers ??Single Diode
SBT2620 DIOTEC-SBT2620 Datasheet
115Kb / 2P
Schottky Barrier Rectifiers ??Single Diode
UFT800A DIOTEC-UFT800A Datasheet
129Kb / 2P
Superfast Efficient Rectifiers - Single Diode
logo
New Jersey Semi-Conduct...
1N4824 NJSEMI-1N4824 Datasheet
85Kb / 1P
SWITCHING DIODE/RECTIFIERS
logo
DIOTEC Electronics Corp...
HVGP-1000-1C DEC-HVGP-1000-1C Datasheet
169Kb / 2P
HIGH VOLTAGE DIODE RECTIFIERS
logo
Diotec Semiconductor
SBT1820 DIOTEC-SBT1820_13 Datasheet
132Kb / 2P
Schottky Barrier Rectifiers . Single Diode
UFT800A DIOTEC-UFT800A_13 Datasheet
130Kb / 2P
Superfast Efficient Rectifiers . Single Diode
UGB8AT DIOTEC-UGB8AT_12 Datasheet
123Kb / 2P
Superfast Efficient Rectifiers - Single Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com