Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD-PUSRA2-15 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GD-PUSRA2-15
Description  OSCONIQ™ P 3737 (2W)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GD-PUSRA2-15 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GD-PUSRA2-15 Datasheet HTML 2Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 3Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 4Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 5Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 6Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 7Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 8Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 9Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
GD PUSRA2.15
DATASHEET
DATASHEET
6 | Version 1.1 | 2025-07-07
Brightness Groups
Group Photon Flux 1) Photon Flux 1) PF/W
Total Radiant Flux
Total Radiant Flux
I
F = 700 mA
I
F = 700 mA
min.
max.
typ.
min.
max.
Φ
P
Φ
P
Φ
E
Φ
E
T2
5.30 μmol/s 5.50 μmol/s 2.74 µmol/J
1,422 mW
1,475 mW
T3
5.50 μmol/s 5.70 μmol/s 2.84 µmol/J
1,475 mW
1,529 mW
T4
5.70 μmol/s 5.90 μmol/s 2.94 µmol/J
1,529 mW
1,583 mW
Note: [*] Photon Flux includes wavelengths between 280 and 800 nm.
Note: [**] Radiant Flux values are for reference only.
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 700 mA
I
F = 700 mA
min.
max.
V
F
V
F
1W
2.75 V
2.80 V
1Y
2.80 V
2.85 V
1Z
2.85 V
2.90 V
2A
2.90 V
2.95 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 700 mA
I
F = 700 mA
min.
max.
λ
dom
λ
dom
2
444 nm
449 nm
3
449 nm
453 nm
4
453 nm
457 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com