Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD-PUSRA2-15 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GD-PUSRA2-15
Description  OSCONIQ™ P 3737 (2W)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GD-PUSRA2-15 Datasheet(HTML) 2 Page - ams-OSRAM AG

  GD-PUSRA2-15 Datasheet HTML 1Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 2Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 3Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 4Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 5Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 6Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 7Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 8Page - ams-OSRAM AG GD-PUSRA2-15 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GD PUSRA2.15
DATASHEET
DATASHEET
2 | Version 1.1 | 2025-07-07
OSCONIQ™ P 3737 (2W)
GD PUSRA2.15
Brand new, upgraded high-power LED with our ams OSRAM’s
latest chip technology and new generation of optimized lens,
delivering industry leading performance, superior robustness
and long lifetime. With high efficiency REDS available in three
wavelengths, the family offers five colors for ease of design and
high flexibility for all your horticulture spectrum needs.
Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMD epoxy package with silicone lens
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Typ. Radiation: 120°
- Radiant Flux (@ 700mA): typ. 1474 mW @ 85°C
- Radiant Efficiency (@ 700mA): typ. 74.4% @ 85°C
- Photon Flux (@ 700mA): typ. 5.50 μmol/s @ 85°C
- Photon Flux Efficacy (@ 700mA): typ. 2.77 μmol/J @ 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com